PART |
Description |
Maker |
TA20401201DH TA20401203DH POWEREXINC-C430F TC20172 |
1884 A, SCR 4396 A, SCR 2198 A, SCR 471 A, SCR 549.5 A, SCR 78.5 A, 200 V, SCR 1570 A, SCR 196.25 A, SCR 1256 A, SCR 863.5 A, SCR 235.5 A, SCR 392.5 A, SCR 1413 A, SCR 125.6 A, 500 V, SCR 1177.5 A, SCR
|
POWEREX INC
|
R216CH12FKO R216CH12CJO R216CH12CHO R325CH02CJO R3 |
879.2 A, 1200 V, SCR, TO-200AB 1852.6 A, 200 V, SCR 1891.85 A, 1800 V, SCR 1271.7 A, 200 V, SCR, TO-200AC 1271.7 A, 400 V, SCR, TO-200AC 1271.7 A, 600 V, SCR, TO-200AC 1271.7 A, 1000 V, SCR, TO-200AC 1271.7 A, 800 V, SCR, TO-200AC 1998.61 A, 1200 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
IZF1167-7F25 IZF1167-3F25 IZF1167-12F25 IZF1167-10 |
2390 A, 700 V, SCR 2390 A, 300 V, SCR 2390 A, 1200 V, SCR 2390 A, 1000 V, SCR 2390 A, 900 V, SCR 1470 A, 800 V, SCR 1950 A, 1000 V, SCR 1950 A, 1100 V, SCR 1370 A, 1400 V, SCR 1470 A, 500 V, SCR 2835 A, 1100 V, SCR 1370 A, 1200 V, SCR 1470 A, 200 V, SCR
|
ITT, Corp.
|
CS218I-30D CS218I-30M CS218I-30P CS218I-30N CS218I |
CAT5E PATCH CABLES SNAGLESS,YELLOW 10 FT 30 A, 200 V, SCR, TO-218 ISOLATED TAB SCR 30 AMP 200 THRU 1200 VOLTS 30 A, 1200 V, SCR, TO-218 Connector assemblies, Network cables; 30 A, 400 V, SCR, TO-218 ISOLATED TAB SCR 30 AMP 200 THRU 1200 VOLTS 30 A, 1000 V, SCR, TO-218 LEVEL 7 PATCH CABLES SNAGLESS, CAT5E PATCH CABLES SNAGLESS,YELLOW 10 FT Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
TN1215-X00B TN1215-X00B-TR TN1215-X00G-TR TN1215-X |
Sensitive and Standard 12 A SCRS 12 A, 600 V, SCR 12 A, 1000 V, SCR, TO-220AB
|
STMicroelectronics
|
IRKHF112-02CPN IRKLF180-08HPNPBF IRKLF180-08HJNPBF |
175.84 A, 200 V, SCR 282.6 A, 800 V, SCR 314 A, 800 V, SCR 314 A, 200 V, SCR
|
Amphenol, Corp.
|
CQ220-16 CQ220-16B CQ220-16D CQ220-16M CQ220-16N |
Leaded Thyristor TRIAC 16 AMP TRIAC 200 THRU 800 VOLTS 800 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 600 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 16安培可控00 7860 800伏特
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CYNA16-1200PT |
16 A, 1200 V, SCR, TO-220AB TO-220AB, 3 PIN
|
Crydom, Inc.
|
P036RH06FNO P042RH04CM P027PH04CJO P042RH04CMO P02 |
100 A, 600 V, SCR 100 A, 400 V, SCR, TO-65 670 A, 600 V, SCR, TO-200AB 755 A, 600 V, SCR, TO-200AB 670 A, 200 V, SCR, TO-200AB 355 A, 600 V, SCR 355 A, 1000 V, SCR 355 A, 400 V, SCR 5680 A, 2600 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
T6200420 T6200230 T620143004DN T6200820 T6200630 T |
Phase Control SCR (200-300 Amperes 1600 Volts) 315 A, 800 V, SCR
|
Powerex Power Semicondu... http:// POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
TW11N800FZ BSTC0326S6 BSTC0353S6 BSTD0313S6 |
800 V, 12 A, TRIAC, TO-220 25 A, 400 V, SCR 25 A, 800 V, SCR 25 A, 200 V, SCR
|
|
|